Part Number Hot Search : 
1H101 P17NK40Z WC302 T121011 ASI10676 KIA70 ADA4899 LM336Z5X
Product Description
Full Text Search
 

To Download SI6821DQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI6821DQ
New Product
Vishay Siliconix
P-Channel, Reduced Qg, MOSFET with Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V)
-20
rDS(on) (W)
0.190 @ VGS = -4.5 V 0.280 @ VGS = -3.0 V
ID (A)
"1.7 "1.3
SCHOTTKY PRODUCT SUMMARY
VKA (V)
20
VF (V) Diode Forward Voltage
0.5 V @ 1 A
IF (A)
1.5 S K
TSSOP-8
D S S G 1 2 3 4 Top View D 8 K A A A D A G
SI6821DQ
7 6 5
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage (MOSFET) Reverse Voltage (Schottky) Gate-Source Voltage (MOSFET) Continuous Drain Current (TJ = 150_C) (MOSFET)a, b 150 C) Pulsed Drain Current (MOSFET) Continuous Source Current (MOSFET Diode Conduction)a, b Average Foward Current (Schottky) Pulsed Foward Current (Schottky) Maximum Power Dissipation (MOSFET)a, b Maximum Power Dissipation (Schottky)a, b Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C TJ, Tstg PD TA = 25_C TA = 70_C
Symbol
VDS VKA VGS ID IDM IS IF IFM
Limit
-20 20 "12 "1.7 "1.3 "8 -1.0 1.5 30 1.2 0.76 1.0 0.64 -55 to 150
Unit
V
A
W
_C
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient (t v 10 sec)a
Device
MOSFET Schottky MOSFET Schottky
Symbol
Typical
Maximum
105 125
Unit
RthJA
Maximum Junction-to-Ambient (t = steady state)a
115 130
_C/W
Notes a. Surface Mounted on FR4 Board. b. t v 10 sec. Document Number: 70791 S-56954--Rev. C, 01-Mar-99 www.vishay.com S FaxBack 408-970-5600
2-1
SI6821DQ
Vishay Siliconix
New Product
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Drain Source On State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS( ) DS(on) gfs VSD VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "12 V VDS = -20 V, VGS = 0 V VDS = -20 V, VGS = 0 V, TJ = 55_C VDS w -5 V, VGS = -4.5 V VGS = -4.5 V, ID = -1.7 A VGS = -3.0 V, ID = -1.3 A VDS = -10 V, ID = -1.7 A IS = -1 A, VGS = 0 V -6 0.135 0.200 4.0 -0.77 -1.2 0.190 0.280 W S V -0.6 "100 -1 -25 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = -1 A, di/dt = 100 A/ms VDD = -3.5 V, RL = 11.5 W 3 5 V, 11 5 ID ^ -1 A, VGEN = -4.5 V RG = 6 W 1A 4 5 V, VDS = -3.5 V, VGS = -4.5 V ID = -0.3 A 35V 4 5 V, 03 3.5 0.85 0.60 7 10 11 7 35 15 20 20 15 60 ns 7.0 nC C
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Forward Voltage Drop
Symbol
VF
Test Condition
IF = 1 A IF = 1 A, TJ = 125_C Vr = 20 V
Min
Typ
0.45 0.36 0.003 0.1 2 62
Max
0.5
Unit
V
0.42 0.100 1 10 pF mA A
Maximum R Reverse Leakage Current Mi Lk C
Irm
Vr = 20 V, TJ = 75_C Vr = 20 V, TJ = 125_C
Junction Capacitance
CT
Vr = 10 V
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70791 S-56954--Rev. C, 01-Mar-99
SI6821DQ
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
10 4.5 V 8 I D - Drain Current (A) I D - Drain Current (A) 4V 3.5 V 8 25_C 125_C 10 TC = -55_C
Vishay Siliconix
MOSFET
Transfer Characteristics
6 3V 4 2.5 V 2 1.5 V 0 0 2 4 6 8 2V
6
4
2
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.5 600
Capacitance
r DS(on) - On-Resistance ( W )
0.4 C - Capacitance (pF)
500 Ciss 400
0.3 VGS = 3.0 V 0.2 VGS = 4.5 V 0.1
300
Coss
200 Crss
100
0 0 2 4 ID - Drain Current (A) 6 8
0 0 4 8 12 16 20
VDS - Drain-to-Source Voltage (V)
5 V GS - Gate-to-Source Voltage (V) VDS = 3.5 V ID = 0.3 A
Gate Charge
2.0
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 1.7 A
4
r DS(on) - On-Resistance ( W) (Normalized) 1.5 2.0 2.5 3.0 3.5 4.0
1.6
3
1.2
2
0.8
1
0 0 0.5 1.0
0.4 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC) Document Number: 70791 S-56954--Rev. C, 01-Mar-99
TJ - Junction Temperature (_C) www.vishay.com S FaxBack 408-970-5600
2-3
SI6821DQ
Vishay Siliconix
New Product
MOSFET
On-Resistance vs. Gate-to-Source Voltage
0.8
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
10
r DS(on) - On-Resistance ( W )
I S - Source Current (A)
0.6
TJ = 150_C
0.4 ID = 1.7 A 0.2
TJ = 25_C
1 0.2 0.4 0.6 0.8 1.0 1.8
0 0 1 2 3 4 5 6
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.50 ID = 250 mA 0.25 V GS(th) Variance (V) 20 Power (W) 30 25
Single Pulse Power
0.00
15
10 -0.25 5
-0.5 -50
0 -25 0 25 50 75 100 125 150 0.01 0.1 Time (sec) 1 10 30 TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02
PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 115_C/W 3. TJM - TA = PDMZthJA(t)
Single Pulse 0.01 10-4 10-3 10-2 10-1
4. Surface Mounted
1
10
30
Square Wave Pulse Duration (sec)
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 70791 S-56954--Rev. C, 01-Mar-99
SI6821DQ
New Product
Vishay Siliconix
SCHOTTKY
Forward Voltage Drop
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Reverse Current vs. Junction Temperature
20 10 I R - Reverse Current (mA)
I F - Forward Current (A)
1
1 TJ = 150_C
0.1
20 V 10 V
0.01
0.1
TJ = 25_C
0.001
0.0001 0 25 50 75 100 125 150
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6
TJ - Junction Temperature (_C)
VF - Forward Voltage Drop (V)
250
Capacitance
CT - Junction Capacitance (pF)
200
150 Ciss 100
50
0 0 4 8 12 16 20
VKA - Reverse Voltage (V
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2
Notes: PDM
0.1
0.1
t1
0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 130_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
30
Square Wave Pulse Duration (sec)
Document Number: 70791 S-56954--Rev. C, 01-Mar-99
www.vishay.com S FaxBack 408-970-5600
2-5


▲Up To Search▲   

 
Price & Availability of SI6821DQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X